|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Opto-Switch Transmissive Phototransistor output. General-purpose model with a 3-mm-wide slot. PCB mounting type. High resolution with a 0.5-mm-wide aperture. Incorporating location pins to prevent mis-orientation EE-SX199 Dimensions 12.20.3 K 50.1 0.50.1 Four, C0.3 Two, C10.3 A Optical axis 8.50.1 100.2 6.50.1 E Internal Circuit C Terminal No. A K C E Name Anode Cathode Collector Emitter Unless otherwise specified, the tolerances are 0.2. PCB Mounting 6.20.5 8.1+0.1 Four, 0.250.1 Cross section BB 0 Two, 0.7 -0.1 dia. Four, 0.50.1 2.50.1 2.35+0.1 2.5+0.1 9.20.3 Cross section AA C E 4.3 Four, 0.7+0.1 dia. holes Two, 0.8+0.1 dia. holes K A 4.3+0.1 9.2+0.1 Specifications Absolute Maximum Ratings (Ta = 25C) Item Emitter Forward current Pulse forward current Reverse voltage Detector Collector-Emitter voltage Emitter-Collector voltage Collector current Collector dissipation Ambient temperature Operating Storage Soldering Note: IF IFP VR VCEO VECO IC PC Topr Tstg Tsol Symbol Rated value 50 mA (see note 1) 1 A (see note 2) 4V 30 V --20 mA 100 mW (see note 1) -25C to 85C -30C to 100C 260C 1. Refer to the temperature rating chart if the ambient temperature exceeds 25C. 2. The pulse width is 10 s maximum with a frequency of 100 Hz. Electrical and Optical Characteristics (Ta = 25C) Item Emitter Forward voltage Reverse current Peak emission wavelength Detector Light current Dark current Leakage current Collector-Emitter saturated voltage Peak spectral sensitivity wavelength Rising time Falling time IR P IL ID ILEAK VCE (sat) P tr tf Symbol VF Value 1.2 V typ., 1.4 V max. 0.01 A typ., 10 A max. 940 nm typ. 0.5 mA min., 14 mA max. 2 nA typ., 100 nA max. --0.1 V typ., 0.4 V max. 850 nm typ. 4 s typ. 4 s typ. IF = 30 mA VR = 4 V IF = 20 mA IF = 20 mA, VCE = 5 V VCE = 20 V, 0 x --IF = 40 mA, IL = 0.5 mA VCE = 10 V VCC = 5 V, RL = 100 , IL = 5 mA VCC = 5 V, RL = 100 , IL = 5 mA Condition Engineering Data Forward Current vs. Collector Dissipation Temperature Rating Collector dissipation Pc (mW) IF Forward Current vs. Forward Voltage Characteristics (Typical) Light Current vs. Forward Current Characteristics (Typical) Ta = 25C VCE = 5 V Forward current I F (mA) Forward current I F (mA) Ta = -30C Ta = 25C Ta = 70C PC Ambient temperature Ta (C) Forward voltage VF (V) Light current I L (mA) Forward current IF (mA) Light Current vs. Collector-Emitter Voltage Characteristics (Typical) Ta = 25C IF = 50 mA IF = 40 mA Relative Light Current vs. Ambient Temperature Characteristics (Typical) Relative light current I L (%) IF = 20 mA VCE = 5 V Dark Current vs. Ambient Temperature Characteristics (Typical) VCE = 10 V 0x Light current I L (mA) IF = 30 mA IF = 20 mA IF = 10 mA Dark current I D (nA) Collector-Emitter voltage VCE (V) Ambient temperature Ta (C) Ambient temperature Ta (C) Response Time vs. Load Resistance Characteristics (Typical) Vcc = 5 V Ta = 25C Sensing Position Characteristics (Typical) IF = 20 mA VCE = 10 V Ta = 25C (Center of optical axis) Response Time Measurement Circuit Input 90 % 10 % Relative light current I L (%) Response time tr, tf ( s) Output Input Output Load resistance RL (k) Distance d (mm) |
Price & Availability of EE-SX199 |